Part Number Hot Search : 
471M16 BTA40A 00115 H1563P UMF32N UMF32N SR2035A N5401
Product Description
Full Text Search
 

To Download 1N4450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N4450 high speed switching diode features : ? high switching speed: max. 4 ns ? reverse voltage:max. 30 v ? peak reverse voltage:max. 40 v ? pb / rohs free mechanical data : case: do-35 glass case weight: approx. 0.13g maximum ratin g s and thermal characteristics ( ta = 25 c) symbol value unit v rm 40 v v r 30 v maximum forward dc current i f 250 ma maximum average forward current i f(av) ma maximum surge forward current at tp = 1 s i fsm 4a power dissipation p d 500 mw maximum junction temperature t j 200 c storage temperature range t stg -65 to + 200 c electrical characteristics ( ta = 25 c) parameter symbol min. typ. max. unit v r = 30 v - - 50 na v r = 30 v , tj = 150 c- - 50 a forward voltage i f = 0.1 ma 0.42 - 0.54 i f = 1.0 ma 0.52 - 0.64 i f = 10 ma 0.64 - 0.72 i f = 50 ma 0.80 - 0.92 i f = 200 ma - - 1.00 reverse breakdown voltage v (br)r i r = 5 a (pulsed) 40 - - v diode capacitance cd - - 4 pf i f = 10 ma ,v r = 6 v, r l = 100 page 1 of 2 rev. 01 : may 9, 2006 v 200 parameter maximum peak reverse voltage maximum reverse voltage reverse current test condition reverse recovery t trr i r v f ns 4 f = 1mhz ; v r = 0 - - do - 35 glass (do-204ah) 0.079(2.0 )max. 0.150 (3.8) max. 0.020 (0.52)max. dimensions in inches and ( millimeters ) 1.00 (25.4) min. 1.00 (25.4) min. cathode mark
rating and characteristic curves ( 1N4450 ) fig1. - forward current vs. fig.2 - reverse current vs. forward voltage junction temperature fig3. - capacitance between fig. 4 - reverse recovery time vs. terminals vs. reverse voltage forward current page 2 of 2 rev. 01 : may 9, 2006 forward current, i f (ma) forward voltage , v f (v) 0 0.1 0.2 0.4 0.6 0.8 1.2 1.0 10 100 1000 10 100 1000 10000 1.0 0 20 40 60 80 100 reverse current, i r (na) reverse voltage , v r (v) 0102030 diode capacitance, cd (pf) 2.5 2.0 1.5 1.0 0.5 0 t j = 125 t j = 25 c f = 1 mhz ta = 25 c 1.0 reverse recovery time, trr (ns) 5 4 3 2 1 0 048 1620 reverse voltage , v r (v) reverse voltage , v r (v) t j = 25 c t j = 75 c t j = 50 c v r = 6 v f = 1 mhz ta = 25 c 12


▲Up To Search▲   

 
Price & Availability of 1N4450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X